Part Number Hot Search : 
12N20 6204B242 683ML 03100 DF60LB80 80N60F C74AC N5401
Product Description
Full Text Search
 

To Download TR0013A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary solid state devices, inc. sft5553a/e series data sheet #: TR0013A maximum ratings symbol units value v ebo 6.0 volts emitter-base voltage v ceo 80 volts collector-emitter voltage i c 5.0 continuous collector current collector-base voltage v cbo 100 amps volts w w/ o c o c/w 5 amp 100 volts pnp power transistor 30 0.3 thermal resistance, junction to case 4/ r 2 jc 2.6 total device dissipation @ t c # 100 o c 4/ derate above 100 o c 4/ p d i b 2.0 base current amps designer's data sheet note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 pin assignment pin 2 pin 3 base collector pin 1 function code emitter emitter collector base normal reverse - r sft5553a/ e hb tx part number /ordering information 1/ screening 2/ : _ = not screened tx = tx level txv = txv level s = space level lead bend: 3/ _ = not applicable l = straight hb = hoop bend package: 3/ e = milpack i ( .624 x .450 x .150 ) ei = milpack i, isolated features ? bv ceo 100v. ? fast switching. ? very high gain. ? low saturation voltage. ? 200 o c operating, gold eutectic die attach. ? designed for low loss pass regulation. available part numbers: sft5553a/e sft5553a/el sft5553a/ehb sft5553a/eil sft5553a/eihb milpack i o c operating and storage temperature t j, t stg -65 to +200 50 0.5 1.2
solid state devices, inc. preliminary 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 v 80 - bv ceo collector-emitter breakdown voltage (i c = 100 : a dc ) v 100 - collector-base breakdown voltage (i c = 100ua dc ) v 6- bv ebo emitter-base breakdown voltage (i e = 20ua dc ) : a -10 i cbo collector cutoff current (v cb = 100v dc ) na - 100 i ceo collector cutoff current (v ce = 80v dc ) min max electrical characteristics symbol units na emitter cutoff current (v eb = 5v dc ) - i ebo 10 dc current gain* 80 70 60 0.28 collector-emitter saturation voltage* (i c = 3.8a dc, i b = 200ma dc ) v ce(sat) v dc h f e base-emitter saturation voltage* (i c = 3.8a dc, i b = 200ma dc ) 0.92 v dc v be (sat) current gain bandwidth product (i c = 50ma dc , v ce = 10v dc, f = 20mhz) 70 - mhz ft 75 pf output capacitance (v cb = 30v dc , i e = 0a dc, f = 2.0mhz) - c ob (v cc = 20v dc , i c = 1a dc , i b1 = i b2 = 100ma dc r b1 = r b2 = 40 s , r l = 20 s ) turn off time t (on) 200 ns t (off) 500 ns bv cbo turn on time (v ce = 1v dc , i c = 1.0a dc ) (v ce = 1.3v dc , i c = 3.8a dc ) (v ce = 2v dc , i c = 5.0a dc ) - - 160 120 120 - - base-emitter on voltage* (i c = 3.8a dc, v ce = 1.3v dc ) 0.87 v dc v be (on) - notes: * pulse test: pulse width = 300us, duty cycle = 2% 1/ for ordering information, price, and availability contact factory. 2/ screening per mil-prf-19500. 3/ for package outlines contact factory. 4/ hot case | isolated case. sft5553a/e series


▲Up To Search▲   

 
Price & Availability of TR0013A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X